agilent b2200a fa leakage switch mainframe agilent B2201A 14ch low leakage switch mainframe data sheet agilent b2200a fa leakage switch mainframe introduction basic functions agilent b2200a fa leakage switch mainframe and B2201A 14ch low leakage mainframe functions: switches dc current, dc voltage, capacitance and lcr meters set and monitor connection status on front panel configurated status display with led matrix display connection setup by light pen controls through gp-ib interface auto ground function self-test, relay function test relay cleaning ? ? ? ? ? ? ? ?
2 con? guration input (b2200a/B2201A) iv port: 8 triaxial ports (or 4 kelvin triaxial ports) with low leakage performance aux port: 6 bnc ports including dedicated 2 cv ports all input ports can use concurrently output (b2210a/b2211a) 12 triaxial ports per switch module. frame can have 4 modules maximum. (total 48 ports) software the b2200a and B2201A include a cd-rom with vxi plug&play driver which contains capacitance compen- sation routine. ? ? ? ? general specifications temperature range operation: +5 c to 35 c storage: C20 c to 70 c humidity range operation: +5% to 70% r.h. no condensation storage: (b2200a, b2210a) < 80% @35 c, < 60% @ 65 c no condensation (B2201A, b2211a) < 80% @ 65 c no condensation altitude operation: 0 m to 2,000 m storage: 0 m to 15,240 m regulatory compliance safety: csa c22.2 no.1010.1/iec 1010-1 emc: cispr 11 group 1 class a&en50082-1 power requirement 90 to 264 v (continuous), 47 to 63 hz, 2 a/200 va max number of slots 4 slots for 48 mm height switch module. size b2200a/B2201A 430 mm w x 320 mm h x 600 mm d b2210a/b2211a 395 mm w x 48 mm h x 500 mm d weight (approx.) b2200a/B2201A 14.0 kg b2210a 4.5 kg b2211a 3.5 kg number of ports (b2210a, b2211a use with b2200a, B2201A) i-v port: 8 triaxial ports (with guard) aux port: 6 bnc ports (2 of cv port) output channel: 12 triaxial ports (with guard), max. 48 ports switch module specifications (used with mainframe* 1 ) condition b2210a b2211a max current rating (a): i-v port 1.0 1.0 aux port 0.5 0.5 max voltage rating (v): i-v: (to common) 200 200 i-v: (to other ch.) 300 300 aux: (to common) 100 100 aux: (to other ch.) 100 100 close channel residual resistance (?): i-v port 0.6 0.6 aux port 1.5 1.5 channel isolation resistance (?): i-v port 1x10 14 5x10 13 aux port 1x10 9 1x10 9 condition: 23 c 5 c, 5% to 60% r.h. 1. b2200a only supports b2210a fa leakage switch module. B2201A only supports b2211 14ch low leakage switch module. mixed con? guration is not supported.
3 speci? cation condition specification and supplemental characteristics are defined at 23 c 5 c < 60% relative humidity (r.h.) the supplemental characteristics entries in the following specifica- tion are not warranted but they provided useful information about the functions and performances of the instruments. agilent b2200a fa leakage switch mainframe (back panel) supplemental characteristics (b2200a/b2210a)* 1 offset current 10 fa* 2 i-v port im noise (rms) 0.6 fa* 3 i-v port channel crosstalk capacitance < 1 pf/ch i-v port < 3 pf/ch aux port offset voltage < 50 v i-v port < 80 v aux port settling time* 4 2.0 sec at 50 fa band width (at C3 db) 30 mhz aux port guard capacitance < 145 pf* 5 i-v port additional c measurement error < 1 % + 0.2 pf* 6 aux port supplemental characteristics (B2201A/b2211a)* 1 offset current 100 fa* 7 i-v port im noise (rms) 5 fa* 3 i-v port channel crosstalk capacitance < 0.5 pf/ch i-v port < 3 pf/ch aux port offset voltage < 80 v i-v port < 100 v aux port settling time* 4 2.0 sec at 300 fa band width (at C3 db) 30 mhz aux port guard capacitance < 145 pf* 5 i-v port additional c measurement error < 1 % + 0.2 pf* 6 aux port *1. b2200a only supports b2210a fa leakage switch module. B2201A only supports b2211 14ch low leakage switch module. mixed con? guration is not supported. *2. the offset current when zero volts is applied to all input and output channels. this measurement is made on a port, 5 seconds after a switching a relay. *3. measured 100 plc by 4156c when zero volts are applied to all other paths. *4. after 10 v applied. *5. the guard capacitance of the closed port on input and output ports when 4 modules per frame are installed. *6. the additional error using the c-compensation algorithm for agilent 4284 at 1 khz to 1 mhz, <1000 pf and 3 m cable. *7. the offset current when zero volts is applied to all input and out channels. this measurement is made on a port, 60 seconds after a switching a relay. accessories & cables agilent 16443a light pen for b2200a/ B2201A agilent 16494a triaxial cable agilent 16493k kelvin triaxial cable (for input port) (between 4155/56 series or e5270 series and b2200/2201a input port) agilent 16494b kelvin triaxial cable (for output port) agilent 16494f cmu input cable agilent 16493n gnd cable (between gnd of e5270/41501 and B2201A/b2200a)
remove all doubt our repair and calibration services will get your equipment back to you, performing like new, when prom- ised. you will get full value out of your agilent equipment through- out its lifetime. your equipment will be serviced by agilent-trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. you will always have the utmost con? dence in your measurements. for information regarding self maintenance of this product, please contact your agilent of? ce. agilent offers a wide range of ad- ditional expert test and measure- ment services for your equipment, including initial start-up assistance, onsite education and training, as well as design, system integration, and project management. for more information on repair and calibration services, go to: www.agilent.com/find/removealldoubt agilent email updates www.agilent.com/find/emailupdates get the latest information on the products and applications you select. agilent direct www.agilent.com/find/agilentdirect quickly choose and use your test equipment solutions with con? dence. for more information on agilent technologies products, applications or services, please contact your local agilent of? ce. the complete list is available at: www.agilent.com/find/contactus americas canada (877) 894-4414 latin america 305 269 7500 united states (800) 829-4444 asia paci? c australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 thailand 1 800 226 008 europe & middle east austria 01 36027 71571 belgium 32 (0) 2 404 93 40 denmark 45 70 13 15 15 finland 358 (0) 10 855 2100 france 0825 010 700* *0.125 /minute germany 07031 464 6333 ireland 1890 924 204 israel 972-3- 9288-504/544 italy 39 02 92 60 8484 netherlands 31 (0) 20 547 2111 spain 34 (91) 631 3300 sweden 0200-88 22 55 switzerland 0800 80 53 53 united kingdom 44 (0) 118 9276201 other european countries: www.agilent.com/find/contactus revised: october 1, 2008 ? agilent technologies, inc. 2009 printed in usa, february 25, 2009 5989-1354en product speci? cations and descriptions in this document subject to change without notice. www.agilent.com
|